PART |
Description |
Maker |
DS1990A DS1990A-F3 DS1990A-F5 |
Serial Number iButton
|
Maxim Integrated Products
|
DS1990R |
Serial Number iButton
|
Maxim Integrated Products
|
24C00T-E/ST 24C00T-I/SN 24C00T-E/OT 24C00-E/OT 24C |
3.3V E1/T1/J1 Line Interface T1/CEPT Jitter Attenuator Serial Number iButton High-Precision Li Battery Monitor with Alerts I2C Serial EEPROM I2C串行EEPROM
|
Microchip Technology, Inc.
|
24C00-I/P 24C00T-I/OT 24C00T-I/ST 24C00T-E/SN 24C0 |
SERIAL EEPROM|16X8|CMOS|DIP|8PIN|PLASTIC SERIAL EEPROM|16X8|CMOS|SOP|8PIN|PLASTIC T1/CEPT Jitter Attenuator Serial Number iButton High-Precision Li Battery Monitor with Alerts SERIAL EEPROM|16X8|CMOS|TSOP|6PIN|PLASTIC 串行EEPROM的| 16X8 |的CMOS |的TSOP | 6针|塑料 SERIAL EEPROM|16X8|CMOS|TSSOP|8PIN|PLASTIC 串行EEPROM的| 16X8 |的CMOS | TSSOP封装| 8引脚|塑料
|
Microchip Technology, Inc.
|
CS3720XTVA7 CS3720 CS3720XDPS7 CS3720XDPSR7 CS3720 |
D/A Converter (D-A) IC; Resolution (Bits):24; Update Rate:192kSPS; Number of DACs:6; Data Interface:Serial; Package/Case:48-LQFP; IC Generic Number:4365; Interface Type:Serial; Leaded Process Compatible:No; Number of Bits:24 甲H桥驱动器 Xfmr Module AUI Isolation Transformers 2A H-Bridge Driver
|
ZF Electronics, Corp. ZF Electronics Corporation CHERRY[Cherry Semiconductor Corporation]
|
DS1904 DS9092 DS9093A DS9093RA DS9096P DS9101 |
Temperature iButton RTC iButton iButton钥匙链配 RTC iButton iButton塑料卡安装件
|
Maxim Integrated Products, Inc. Dallas Semiconducotr DALLAS[Dallas Semiconductor]
|
DS1411-S09 DS1411-009 DS1411-11 |
Provides Strong Pullup to 5V for Temperature iButton and EEPROM iButton
|
Maxim Integrated Products Maxim Integrated Produc...
|
DS2401X-88A-C21T DS2401AX1-03A-A02 DS2401PCFM DS24 |
Silicon Serial Number
|
MAXIM - Dallas Semiconductor
|
DS2401P DS2401T-SL DS2401X1 DS2401Y DS2401Z DS2401 |
Silicon Serial Number 硅序列号
|
Maxim Integrated Products, Inc. Yellow Stone, Corp. Dallas Semiconducotr MAXIM - Dallas Semiconductor
|
22PCAFB6G 22PCCEB2G 22PCAEB2G 22PCFEB2G 22PCFNB2G |
I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output RAMified Watchdog Timekeeper Y2K-Compliant Watchdog RTC with NV Control Serial Port iButton Holder I2C, 32-Bit Binary Counter Watchdog Clock Front Panel iButton Holder Signal Conditioner 信号调理 I<sup>2</sup>C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output 信号调理 Digital Thermometer and Thermostat 信号调理 Real-Time Clock with NV RAM Control 信号调理 Parallel Port Button Holder 信号调理 1-Wire Network Cables 信号调理 4Meg, Nonvolatile, Y2K-Compliant Timekeeping RAM
|
Infineon Technologies AG Bourns, Inc. Advanced Interconnections, Corp. Air Cost Control Samtec, Inc. Electronic Theatre Controls, Inc.
|
52610-1890 |
PC Board Connector; Number of Contacts:18; Pitch Spacing:1mm; Number of Rows:1; Mounting Type:PCB SMT; Body Material:PA Polyamide (Nylon) 4/6; Gender:Female
|
Molex
|
AI3D5 AI3D9 AI3D7 AI3D8 AI3D6 AM2D8 AM2D55J FAM2D5 |
8 MINI MAP,PB/HALO FREE,NIPDAU LF,1.8V(SERIAL EE) 8 ULTRA THIN MINI MAP,PB/HALO FREE,1.8V(SERIAL EE) Discrete IGBTs; Surface Mount Type: N; Package: TO-3P(LH); Number Of Pins: 3; No Of Circuits: 1; Comments: High-rugged type; V_CES (V): (max 1200) Small-Signal Schottky Barrier Diodes; Surface Mount Type: Y; Package: SMQ; XJE016 JEITA: SC-61; Number of Pins: 4; Features: standard; Internal Small-Signal Schottky Barrier Diodes; Surface Mount Type: Y; Package: SMQ; XJE016 JEITA: SC-61; Number of Pins: 4; Features: low VF; Internal 10MS, 8 EIAJ, IND TEMP, GREEN, 1.8V(SERIAL EE) Stepping Motor Driver ICs; Function: Driver; Vopmax (Vm*): 34V (40V); Io (lpeak): 1.5A (1.8A); Excitation: 1/16 step; I/F: CLK input; Mixed Decay Mode: included; Package: HSOP36; RoHS Compatible: yes 250NS,32LCC,883C; LEV B FULLY COMPLIANT(EEPROM) Discrete IGBTs; Surface Mount Type: N; Package: TO-3P(N); Number Of Pins: 3; No Of Circuits: 2; Comments: High-rugged type; V_CES (V): (max 600) Discrete IGBTs; Surface Mount Type: N; Package: TO-220NIS; Number Of Pins: 3; No Of Circuits: 2; Comments: High-rugged type; V_CES (V): (max 600) Discrete IGBTs; Surface Mount Type: Y; Package: TSSOP-8; Number Of Pins: 8; No Of Circuits: New product; Comments: 2.9; V_CES (V): (max 400) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: US6; XJE016 JEITA: SC-88; Number of Pins: 6; V th (V): (min -0.6) (max -1.1); R DS Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: US6; XJE016 JEITA: SC-88; Number of Pins: 6; V th (V): (min 0.5) (max 1.2); R DS Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: US6; XJE016 JEITA: SC-88; Number of Pins: 6; V th (V): (min 1.1) (max 1.8); R DS Dual/Quad Zero-Drift Operational Amplifiers; Package: SSOP; No of Pins: 16; Temperature Range: -40° to 125°C 10MS, DIE, 1.8V, 11 MILS THICKNESS(SERIAL EE) General Purpose Transistors (Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Comments: High current; Part Small-Signal Schottky Barrier Diodes; Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Features: high breakdown Small-Signal Schottky Barrier Diodes; Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Features: low VF; Internal General Purpose Transistors (Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Comments: Low-noise; Part General Purpose Transistors (Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; Comments: High voltage SW; Part Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: USM; XJE016 JEITA: SC-70; Number of Pins: 3; V th (V): (min 0.8) (max 2.5); R DS On (Ω): 20 (max 50); Drain-Source Voltage (V): (max 50); Drain Current (mA): (max 50) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: SSM; XJE016 JEITA: SC-75; Number of Pins: 3; V th (V): (min 0.6) (max 1.1); R DS On (Ω): 5.2 (max 15); Drain-Source Voltage (V): (max 20); Drain Current (mA): (max 100) 10MS, 8 TSSOP, EXT TEMP, GREEN, 2.7V(SERIAL EE) 10MS, 8 TSSOP, IND TEMP, GREEN, 2.7V(SERIAL EE) 10MS, 8 PDIP, IND TEMP, GREEN, 2.7V(SERIAL EE) DIE/WAFER FORM(EEPROM) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: ES6; Number of Pins: 6; V th (V): (min 0.5) (max 1.1); R DS On (Ω): 0.140 (max 0.180) 0.120 (max 0.145); Drain-Source Voltage (V): (max 30); Drain Current (mA): (max 500) High-Frequency Schottky Barrier Diodes; Surface Mount Type: Y; Package: VESM; Number Of Pins: 3; Application Scope: VHF, UHF MIX; V F (V): 0.25; C T (pF): 0.6; V R (V): (max 4); Average Forward Current I_F Max (mA): (max 25) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: TESM; Number of Pins: 3; V th (V): (min -0.6) (max -1.1); R DS On (Ω): 18 (max 45); Drain-Source Voltage (V): (max -20); Drain Current (mA): (max -100) The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: UF6; Number of Pins: 6; V th (V): (min 0.8) (max 2); R DS On (Ω): 0.33 (max 0.44) 0.23 (max 0.3); Drain-Source Voltage (V): (max 60); Drain Current (mA): (max 2000) Small-Signal MOS FETs(Single); Surface Mount Type: N; Package: MINI; Number of Pins: 3; V th (V): (min 0.8) (max 2.5); R DS On (Ω): 20 (max 50); Drain-Source Voltage (V): (max 50); Drain Current (mA): (max 50) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: USM; XJE016 JEITA: SC-70; Number of Pins: 3; V th (V): (min -0.8) (max -2.5); R DS On (Ω): 20 (max 50); Drain-Source Voltage (V): (max -50); Drain Current (mA): (max -50) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: SSM; XJE016 JEITA: SC-75; Number of Pins: 3; V th (V): (min -0.5) (max -1.5); R DS On (Ω): 20 (max 40); Drain-Source Voltage (V): (max -20); Drain Current (mA): (max -50) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; V th (V): (min 2) (max 3.5); R DS On (Ω): 0.6 (max 1); Drain-Source Voltage (V): (max 60); Drain Current (mA): (max 200) Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: S-MINI; XJE016 JEITA: SC-59; Number of Pins: 3; V th (V): (min -0.5) (max -1.5); R DS On (Ω): 2.4 (max 4); Drain-Source Voltage (V): (max -30); Drain Current (mA): (max -200) Small-Signal MOS FETs(Single); Surface Mount Type: N; Package: MINI; Number of Pins: 3; V th (V): (min -0.8) (max -2.5); R DS On (Ω): 20 (max 50); Drain-Source Voltage (V): (max -50); Drain Current (mA): (max -50) Small-Signal MOS FETs(Single); Surface Mount Type: N; Package: MINI; Number of Pins: 3; V th (V): (min -2) (max -3.5); R DS On (Ω): 1.3 (max 2); Drain-Source Voltage (V): (max -60); Drain Current (mA): (max -200) 10MS, 8 PDIP, IND TEMP, GREEN, 1.8V(SERIAL EE) Logic IC 逻辑IC Discrete IGBTs; Surface Mount Type: N; Package: TO-3P(LH); Number Of Pins: 3; No Of Circuits: 2; Comments: Non isolation package; V_CES (V): (max 900) 逻辑IC 90NS, VSOP, IND TEMP(EPROM) 逻辑IC Dual -48V Supply and Fuse Monitor; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 逻辑IC 45NS, SOIC, IND TEMP(EPROM) 逻辑IC Small-Signal MOS FETs(Single); Surface Mount Type: Y; Package: TESM; Number of Pins: 3; V th (V): (min 0.8) (max 1.5); R DS On (Ω): 4 (max 7); Drain-Source Voltage (V): (max 30); Drain Current (mA): (max 100) 逻辑IC
|
Hitachi,Ltd. Sanyo Denki Co., Ltd. ZF Electronics, Corp.
|